Part Number Hot Search : 
MMBZ5232 VQ100 HCS190MS 1050QC Y5Y1206 30LT1 CX241 MT2121
Product Description
Full Text Search
 

To Download ULBM2TE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ULBM2TE
NPN SILICON RF POWER TRANSISTOR
DESCRIPTION:
The ASI ULBM2TE is Designed for Class C, FM Land Mobile Applications up to 470 MHz.
PACKAGE STYLE TO-39GE
B C OA 45
FEATURES:
* Common Emitter * PG = 8.0 dB at 2.0 W/470 MHz * OmnigoldTM Metalization System
OD E
MAXIMUM RATINGS
IC VCBO VCEO VEBO PDISS TJ TSTG JC 0.40 A 36 V 16 V
DIM
F
G
H
MINIMUM
inches / mm
MAXIMUM
inches / mm
4.0 V 5 W @ TC = 25C -65 C to +200C -65 C to +150 C 35 C/W
A B C D E F G H .029 / 0.740 .028 / 0.720 .355 / 9.020 .315 / 8.010 .165 / 4.200 .500 / 12.700 .016 / 0.410
.200 / 5.080 .045 / 1.140 .034 / 0.860 .370 / 9.370 .335 / 8.500 .180 / 4.570 .750 / 19.050 .020 / 0.508
ORDER CODE: ASI10679
O
CHARACTERISTICS
SYMBOL
BVCEO BVCES BVEBO ICBO hFE Cob PG C IC = 50 mA IC = 50 mA IE = 1.0 mA VCB = 15 V VCE = 5.0 V
TC = 25 C
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
16 36 4.0 1.0
UNITS
V V V mA --pF dB %
IC = 50 mA f = 1.0 MHz POUT = 2.0 W f = 470 MHz
20
200 10
VCB = 12.5 V VCE = 12.5 V
8.0 55
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. B
1/1


▲Up To Search▲   

 
Price & Availability of ULBM2TE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X